Part Number Hot Search : 
280HZ GBJL1501 24N60M2 2222K TA7376P XM1316 BD2224G TDA5210
Product Description
Full Text Search
 

To Download SD101AWS-V12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sd101aws-v, sd101bws-v, sd101cws-v document number 85680 rev. 1.7, 05-aug-10 vishay semiconductors www.vishay.com 1 20145 for technical questions within your regi on, please contact one of the following: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com small signal schottky diodes features ? for general purpose applications ? the sd101 series is a metal-on-silicon schottky barrier device which is protected by a pn junction guard ring ? the low forward voltage drop and fast switching make it ideal for protection of mos devices, steering, biasing and coupling diodes for fast switching and low logic level applications ? these diodes are also available in the mini-melf case with type designations ll101a to ll101c, in the do-35 case with type- designations sd101a to sd101c and in the sod-123 case with type designations sd101aw-v to sd101cw-v. ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec mechanical data case: sod-323 weight: approx. 4.3 mg packaging codes/options: gs18/10 k per 13" reel (8 mm tape), 10 k/box gs08/3 k per 7" reel (8 mm tape), 15 k/box parts table absolute maximum ratings t amb = 25 c, unless otherwise specified 1) valid provided that electrodes ar e kept at ambient temperature part ordering code type marking remarks sd101aws-v sd101aws-v-gs18 or sd101aws-v-gs08 sa tape and reel sd101bws-v sd101bws-v-gs18 or sd101bws-v-gs08 sb tape and reel sd101cws-v sd101cws-v-gs18 or sd101cws-v-gs08 sc tape and reel parameter test condition part symbol value unit peak inverse voltage sd101aws-v v rrm 60 v sd101bws-v v rrm 50 v sd101cws-v v rrm 40 v power dissipation (infinite heat sink) p tot 150 1) mw forward continuous current i f 30 ma maximum single cycle surge 10 s square wave i fsm 2a
www.vishay.com 2 document number 85680 rev. 1.7, 05-aug-10 sd101aws-v, sd101bws-v, vishay semiconductors for technical questions within your regi on, please contact one of the following: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com thermal characteristics t amb = 25 c, unless otherwise specified 1) valid provided that electrodes are kept at ambient temperature electrical characteristics t amb = 25 c, unless otherwise specified typical characteristics t amb = 25 c, unless otherwise specified parameter test condition symbol value unit thermal resistance junction to ambient air r thja 650 1) k/w junction temperature t j 125 1) c storage temperature range t stg - 65 to + 150 c parameter test condition part symbol min ty p. max unit reverse breakdown voltage i r = 10 a sd101aws-v v (br) 60 v sd101bws-v v (br) 50 v sd101cws-v v (br) 40 v leakage current v r = 50 v sd101aws-v i r 200 na v r = 40 v sd101bws-v i r 200 na v r = 30 v sd101cws-v i r 200 na forward voltage drop i f = 1 ma sd101aws-v v f 410 mv sd101bws-v v f 400 mv sd101cws-v v f 390 mv i f = 15 ma sd101aws-v v f 1000 mv sd101bws-v v f 950 mv sd101cws-v v f 900 mv junction capacitance v r = 0 v, f = 1 mhz sd101aws-v c d 2.0 ns sd101bws-v c d 2.1 ns sd101cws-v c d 2.2 ns reverse recovery time i f = i r = 5 ma, recover to 0.1 i r t rr 1ns figure 1. typical variation of forward current vs. forward voltage 0.01 0.1 1 10 0 0.4 0.6 0. 8 1.0 0.2 a b c i - for w ard c u rrent (ma) f v f - for w ard v oltage ( v ) 1 8 477 figure 2. typical forward conduction curve a b c 0 0.4 0.6 0. 8 1.0 0.2 60 20 8 0 40 0 100 i - for w ard c u rrent (ma) f v f - for w ard v oltage ( v ) 1 8 47 8
sd101aws-v, sd101bws-v, document number 85680 rev. 1.7, 05-aug-10 vishay semiconductors www.vishay.com 3 for technical questions within your regi on, please contact one of the following: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com package dimensions in millimeters (inches): sod-323 figure 3. typical variation of reverse current at various temperatures 100 10 1 0.1 0.01 10 20 30 40 050 75 c 50 c 25 c 125 c 100 c v r -re v erse v oltage ( v ) i-re v erse c u rrent ( a) r 1 8 479 figure 4. typical capacitance curve as a function of reverse voltage 1 8 4 8 0 10 20 30 40 0 0 1.0 1.2 1.4 1.6 1. 8 2.0 0.6 0. 8 0.2 0.4 50 t j = 25 c c b a c - typical capacitance (pf) d v r -re v erse v oltage ( v ) foot print recommendation: rev. 5 - date: 23.sept.2009 17443 document no.:s8-v-3910.02-001 (4) 0.6 (0.024) 0.6 (0.024) 0.6 (0.024) 1.6 (0.063) 0.10 (0.004) cathode bar 0.20 (0.008) 0.40 (0.016) 2.50 (0.098) 1.1 (0.043) 1.5 (0.059) 2.85 (0.112) 1.60 (0.063) 1.95 (0.077) 0.15 (0.006) 0.1 (0.004) max. 1.15 (0.045) 0.8 (0.031) created - date: 24.august.2004 0.40 (0.016) 0.25 (0.010) 0.2 (0.008) 0 to 8
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of SD101AWS-V12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X